|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
EURO QUARTZ Frequency range 0.625MHz to 50.0MHz CMOS/TTL Output Supply Voltage 5.0 V or 3.3 VDC Integrated Phase Jitter 1ps typical Low cost unit DESCRIPTION G576 VCXOs, are packaged in a miniature 7mm x 5mm x 1.8mm 6 pad SMD package. Typical phase jitter for G series VCXOs is <1ps, output CMOS/TTL. G series VCXOs use fundamental mode crystal osccillators. Applications include phase lock loop, SONET/ATM, settop boxes, MPEG , audio/video modulation, video game consoles and HDTV. SPECIFICATION Frequency Range Vdd = +3.3VDC: 0.625MHz to 50.0MHz Vdd = +5.0VDC: 1.0MHz to 50.0MHz Supply Voltage: +3.3 VDC 5% or +5.0VDC5% Output Logic: TTL/HCMOS Integrated Phase Jitter: 1.0ps maximum 12kHz to 20MHz Period Jitter RMS: 2.0ps typical Period Jitter Peak to Peak: 14ps maximum Phase Noise: See table below Initial Frequency Accuracy Tune to the nominal frequency with: +3.3VDC: Vc= 1.65V 0.2V +5.0 VDC: Vc= 2.5V 0.2V Output Voltage HIGH (1): 90% Vdd minimum Output Voltage LOW (0): 10% Vdd maximum Control Voltage Centre +3.3VDC: 1.65V +5.0VDC: 2.5V Control Voltage Range +3.3VDC: 0.3V to 3.0V +5.0VDC: 0.5V to 4.5V Pulling Range +3.3VDC 80ppm to 120ppm (standard) +5.0VDC: 80ppm to 150ppm (200ppm available) Temperature Stability: See table Output Load: CMOS = 15pF, TTL = 2 gates Start-up Time: 10ms maximum, 5ms typical Duty Cycle: 50% 5% measured at 50% Vdd Rise/Fall Times: 0.7ns typical (15pF load) Current Consumption: 10 to 45mA, frequency dependent Linearity: 10% maximum, 6% typical Modulation Bandwidth: 10kHz minimum Input Impedance: 1 MW minimum Slope Polarity: Monotonic and Positive. (An (Transfer function) increase of control voltage always increases output frequency.) Storage Temperature: -50 to +100C Ageing: 5ppm per year maximum RoHS Status: Fully compliant G576 CMOS VCXO 7 x 5 x 1.8mm 6 pad SMD OUTLINE & DIMENSIONS Pads 2 and 5 are connected internally FREQUENCY STABILITY Stability Code Stability ppm Temp. Range A 25 0~+70C B 50 0~+70C C 100 0~+70C D 25 -40~+85C E 50 -40~+85C F 100 -40~+85C If non-standard frequency stability is required Use `I' followed by stability, i.e. I20 for 20ppm PART NUMBERING Example: Supply Voltage 3 = +3.3V 5 = +5.0V Series Designator G576 Stability over temperature range (See table) Pullability in ppm Pullability determinator N = minimum M = maximum T = Typical Frequency in MHz 3G576B-80N-27.000 PHASE NOISE Offset 10Hz 100Hz 1kHz 10kHz 1MHz Frequency 27.0MHz -70dBc/Hz -105dBc/Hz -132dBc/Hz -142dBc/Hz -150dBc/Hz EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk |
Price & Availability of 3G576A-80M-27000 |